PART |
Description |
Maker |
OA100FL16 OA100FL18 OA100NL15 OA100NL19 CA25FL20 C |
1 ELEMENT, 18000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 46000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 16000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 100000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 830 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 130000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7300 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7400000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 180000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 30000000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 40000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8000000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 280000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 31000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 260000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 11000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 830000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5300 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2300000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15000000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1100000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3200000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 27000000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 35000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7700 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 6300000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2500 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 11000000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2600000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4200000 uH, GENERAL PURPOSE INDUCTOR
|
|
1N482B FTSO5139 FTSO5138 1N462A |
General purpose low leakage diode. Working inverse voltage 36V. PNP small signal general purpose amplifier & switch. PNP low level amplifier. General purpose high conductance diode. Working inverse voltage 60V.
|
Fairchild Semiconductor
|
2N5086 MMBT5086 MMBT5087 2N5087 MMBT5087NL 2N5087T |
PNP General Purpose Amplifier PNP General Purpose Amplifier 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
BC847BPDW1T1 BC847CPDW1T1 BC848BPDW1T1 BC846BPDW1T |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system Dual General Purpose Transistors(NPN/PNP Duals)
|
ON Semiconductor
|
2N5087J18Z 2N5087TF 2N5087J61Z |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MPS3703 |
PNP General Purpose Amplifier 800 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2N3906J18Z 2N3906TA |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BC847BPDW1T1 BC846BPDW1T1 |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) Dual General Purpose Amplifier Transistors (NPN PNP)(-65V通用型双放大器晶体管(NPN PNP,SOT-363封装))
|
ON Semiconductor
|
MPS8050 |
PNP General Purpose Amplifier(PNP????惧ぇ??
|
FAIRCHILD SEMICONDUCTOR CORP
|
MMBT4126 2N4126 2N4126_01 |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
PN2907AL-T92-B PN2907AL-T92-K PN2907A-T92-B PN2907 |
PNP GENERAL PURPOSE AMPLIFIER
|
Unisonic Technologies
|
|